PART |
Description |
Maker |
MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX103 |
2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision " 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs" -2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1112-MAX1113 MAX1113EEET MAX1113CEET MAX1112EAP |
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V,低功耗,多通道,串位ADC 5V / Low-Power / Multi-Channel / Serial 8-Bit ADCs
|
Maxim Integrated Products, Inc.
|
MCP3021A5T-E/OT MCP3021A1T-E/OT MCP3021A2T-E/OT MC |
1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO5 Low Power 10-Bit A/D Converter With I2C?/a> Interface Low Power 10-Bit A/D Converter With I2C Interface
|
Microchip Technology
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|
LTC2292CUP LTC2291CUP LTC2293CUP |
Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs 2位,65/40/25Msps低功V的模数转换器
|
Linear Technology Corporation Linear Technology, Corp.
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
MAX5307 MAX5306-MAX5307 MAX5307EUENBSP MAX5307EUE |
" Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs with Serial Interface" From old datasheet system MAX5306/MAX5307 Low-Power, Low-Glitch, Octal 12-Bit Voltage-Output DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|